Part Number Hot Search : 
SD18U128 MN6220 330M1 BPW96C SMBJ11CA BC307C CD51002 BPW96C
Product Description
Full Text Search
 

To Download DSEC60-02AQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DSEC 60-02AQ
HiPerFREDTM Epitaxial Diode
with common cathode and soft recovery
Preliminary Data
VRSM V 200 VRRM V 200 DSEC 60-02AQ Type
A C A
IFAV = 2x30 A VRRM = 200 V trr = 25 ns
TO-3 P
C (TAB)
A C A
A = Anode, C = Cathode
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md FC Weight
Conditions TC = 145C; rectangular, d = 0.5 TVJ = 45C; tp = 10 ms (50 Hz), sine TVJ = 25C; non-repetitive IAS = 3 A; L = 180 H VA = 1.5*VR typ.; f = 10 kHz; repetitive
Maximum Ratings 70 30 325 1.2 0.3 -55...+175 175 -55...+150 A A A mJ A C C C W Nm N g
Features * * * * * * * International standard package Planar passivated chips Very short recovery time Extremely low switching losses Low IRM-values Soft recovery behaviour Epoxy meets UL 94V-0
Applications * Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders Advantages * Avalanche voltage rated for reliable operation * Soft reverse recovery for low EMI/RFI * Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
TC = 25C mounting torque mounting force with clip typical
165 0.8...1.2 20...120 6
Symbol IR
Conditions VR = VRRM; TVJ = 25C VR = VRRM; TVJ = 150C IF = 30 A; TVJ = 150C TVJ = 25C
Characteristic Values typ. max. 10 200 0.95 1.20 0.9 0.25 A A V V K/W K/W ns 4 A
VF RthJC RthCH trr IRM
IF = 1 A; -di/dt = 200 A/s; VR = 30 V; TVJ = 25C VR = 100 V; IF = 50 A; -diF/dt = 100 A/s; TVJ = 100C
25
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 % Pulse Width = 300 s, Duty Cycle < 2.0 % Data according to IEC 60747 and per diode unless otherwise specified.
IXYS reserves the right to change limits, test conditions and dimensions.
(c) 2003 IXYS All rights reserved
1-1
420


▲Up To Search▲   

 
Price & Availability of DSEC60-02AQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X